PART |
Description |
Maker |
EHF-105-01-L-D-SM EHF-125-01-L-D-SM EHF-110-01-L-D |
CONN HEADER .05 10POS DUAL SMD 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 50POS DUAL SMD 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 20POS DUAL SMD 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 20POS DUAL R/A
|
Samtec, Inc. SAMTEC INC
|
FM2100-C FM240-C FM250-C FM220-C FM230-C |
Chip Schottky Barrier Diodes - Silicon epitaxial planer type CONN HEADR .05 50POS DL T/H R/A CONN HEADER .05 30POS DUAL T/H
|
美丽微半导体有限公司 缇?附寰??瀵间???????
|
39861-0505 39860-0712 39860-0509 39860-0708 39860- |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
Molex, Inc. MOLEX INC
|
FM220-M FM250-M FM240-M FM260-M FM280-M FM230-M FM |
Silicon epitaxial planer type CONN HEADR .05 60POS DL T/H R/A CONN HEADER .05 40POS DUAL T/H
|
Formosa MS 美丽微半导体有限公司
|
TFML-150-01-S-D |
CONN HEADER .05 100POS DUAL T/H 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Samtec, Inc.
|
43045-2410 43045-1611 43045-1010 43045-0611 43045- |
Microfit 3.0 RA SMT/Nail DR 15Au 24 Ckt 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Microfit 3.0 RA SMT/Nail DR 30Au 16 Ckt 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Microfit 3.0 RA SMT/Nail DR 15Au 10 Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN 6P UFIT DUAL RW 3MM SMD 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 10POS R/A SMD GOLD 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
M68AF031A M68AF031AL55B1E M68AF031AL55B1F M68AF031 |
256 Kbit (32K x 8) 5.0V Asynchronous SRAM 256千位2K的85.0V异步SRAM 256 Kbit (32K x 8) 5.0V Asynchronous SRAM 256千位2K的8.0V异步SRAM CONN PLUG .100 30POS DL PCB R/A 256千位2K的8.0V异步SRAM CONN PLUG .100 10POS DL PCB R/A
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
87832-5020 87832-6922 87832-0420 |
CONN HEADER 50POS 2MM VERT SMD 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT MGrid Hdr Shrd SMT/Cap T&R .38AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 4POS 2MM VERT SMD
|
Molex, Inc. MOLEX INC
|
200275MR009G155ZL |
2.0mm BATTERY CONN R/A HEADER
|
SUYIN USA, INC.
|
90122-0138 |
CONN HEADER 36POS .100 R/A TIN
|
Molex
|
|